Part Number Hot Search : 
0AB007M2 325770 56000 E511150 BMJXXX 9018H TA78057F 00006
Product Description
Full Text Search
 

To Download MS82C55A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MS82C55A, MQ82C55A
Data Sheet June 28, 2005 FN6140.1
CMOS Programmable Peripheral Interface
The Intersil 82C55A is a high performance CMOS version of the industry standard 8255A and is manufactured using a self-aligned silicon gate CMOS process (Scaled SAJI IV). It is a general purpose programmable I/O device which may be used with many different microprocessors. There are 24 I/O pins which may be individually programmed in two groups of 12 and used in three major modes of operation. The high performance and industry standard configuration of the 82C55A make it compatible with the 80C86, 80C88 and other microprocessors. Static CMOS circuit design insures low operating power. The Intersil advanced SAJI process results in performance equal to or greater than existing functionally equivalent products at a fraction of the power.
Features
* Pb-Free Plus Anneal Available (RoHS Compliant) (See Ordering Info) * Pin Compatible with OKI MSM82C55A - No Bus Hold Devices on any Port Pins * 24 Programmable I/O Pins * Fully TTL Compatible * High Speed, No "Wait State" Operation with 8MHz 80C86 and 80C88 * Direct Bit Set/Reset Capability * Enhanced Control Word Read Capability * L7 Process * 2.5mA Drive Capability on All I/O Ports * Low Standby Power (ICCSB) . . . . . . . . . . . . . . . . . . .10A
Ordering Information
PART NUMBERS* CMS82C55AZ (Note) IMS82C55AZ (Note) CMQ82C55AZ (Note) IMQ82C55AZ (Note) TEMP. RANGE (C) 0 to 70 -40 to 85 0 to 70 -40 to 85 44 Ld MQFP (Pb-free) Q44.10x10 PACKAGE 44 Ld PLCC (Pb-free) PKG. DWG. # N44.65
*Add "96" suffix to part number for tape and reel packaging. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
MS82C55A, MQ82C55A Pinouts
MS82C55A (PLCC) TOP VIEW
RD PA0 PA1 PA2 PA3 NC PA4 PA5 PA6 PA7 WR PA0 PA1 RD
MQ82C55A (MQFP) TOP VIEW
PA2 PA3 PA4 PA5 PA6 PA7 WR NC
6 5 4 3 2 1 44 43 42 41 40 CS GND A1 A0 PC7 NC PC6 PC5 PC4 PC0 PC1 7 8 9 10 11 12 13 14 15 16 17 18 1920 21 22 23 24 25 26 27 28 PC2 PC3 PB0 PB1 PB2 NC PB3 PB4 PB5 PB6 PB7 39 38 37 36 35 34 33 32 31 30 29 RESET D0 D1 D2 D3 NC D4 D5 D6 D7 VCC 44 43 42 41 40 39 38 37 36 35 34 33 2 32 3 4 5 6 7 8 9 10 31 30 29 28 27 26 25 24
CS GND A1 A0 PC7 PC6 PC5 PC4 PC0 PC1 PC2
1
RESET D0 D1 D2 D3 D4 D5 D6 D7 VCC PB7
11 23 12 13 14 15 16 17 18 19 20 21 22
PC3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
NC
NC
Pin Description
SYMBOL VCC GND D0-D7 RESET CS RD WR A0-A1 I/O I I I I I TYPE DESCRIPTION VCC: The +5V power supply pin. A 0.1F capacitor between VCC and GND is recommended for decoupling. GROUND DATA BUS: The Data Bus lines are bidirectional three-state pins connected to the system data bus. RESET: A high on this input clears the control register and all ports (A, B, C) are set to the input mode. CHIP SELECT: Chip select is an active low input used to enable the 82C55A onto the Data Bus for CPU communications. READ: Read is an active low input control signal used by the CPU to read status information or data via the data bus. WRITE: Write is an active low input control signal used by the CPU to load control words and data into the 82C55A. ADDRESS: These input signals, in conjunction with the RD and WR inputs, control the selection of one of the three ports or the control word register. A0 and A1 are normally connected to the least significant bits of the Address Bus A0, A1. PORT A: 8-bit input and output port. PORT B: 8-bit input and output port. PORT C: 8-bit input and output port.
PA0-PA7 PB0-PB7 PC0-PC7
I/O I/O I/O
2
NC
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Functional Diagram
POWER SUPPLIES
+5V GND GROUP A CONTROL
GROUP A PORT A (8)
I/O PA7-PA0
BIDIRECTIONAL DATA BUS D7-D0 DATA BUS BUFFER 8-BIT INTERNAL DATA BUS
GROUP A PORT C UPPER (4) GROUP B PORT C LOWER (4)
I/O PC7-PC4
I/O PC3-PC0
RD WR A1 A0 RESET
READ WRITE CONTROL LOGIC
GROUP B CONTROL
GROUP B PORT B (8)
I/O PB7-PB0
CS
FIGURE 1. FUNCTIONAL DIAGRAM
Functional Description
Data Bus Buffer
This three-state bidirectional 8-bit buffer is used to interface the 82C55A to the system data bus. Data is transmitted or received by the buffer upon execution of input or output instructions by the CPU. Control words and status information are also transferred through the data bus buffer.
register. They are normally connected to the least significant bits of the address bus (A0 and A1).
82C55A BASIC OPERATION A1 0 0 1 1 A0 0 1 0 1 RD 0 0 0 0 WR 1 1 1 1 CS 0 0 0 0 INPUT OPERATION (READ) Port A Data Bus Port B Data Bus Port C Data Bus Control Word Data Bus OUTPUT OPERATION (WRITE) 0 0 1 1 0 1 0 1 1 1 1 1 0 0 0 0 0 0 0 0 Data Bus Port A Data Bus Port B Data Bus Port C Data Bus Control DISABLE FUNCTION X X X X X 1 X 1 1 0 Data Bus Three-State Data Bus Three-State
Read/Write and Control Logic
The function of this block is to manage all of the internal and external transfers of both Data and Control or Status words. It accepts inputs from the CPU Address and Control busses and in turn, issues commands to both of the Control Groups. (CS) Chip Select. A "low" on this input pin enables the communication between the 82C55A and the CPU. (RD) Read. A "low" on this input pin enables 82C55A to send the data or status information to the CPU on the data bus. In essence, it allows the CPU to "read from" the 82C55A. (WR) Write. A "low" on this input pin enables the CPU to write data or control words into the 82C55A. (A0 and A1) Port Select 0 and Port Select 1. These input signals, in conjunction with the RD and WR inputs, control the selection of one of the three ports or the control word
(RESET) Reset. A "high" on this input initializes the control register to 9Bh and all ports (A, B, C) are set to the input mode.
3
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
I/O PA7PA0
POWER SUPPLIES
+5V GND
GROUP A CONTROL
GROUP A PORT A (8)
contains a 4-bit latch and it can be used for the control signal output and status signal inputs in conjunction with ports A and B.
BIDIRECTIONAL DATA BUS DATA BUS D7-D0 BUFFER
GROUP A PORT C UPPER (4) 8-BIT INTERNAL DATA BUS GROUP B CONTROL GROUP B PORT C LOWER (4)
I/O PC7PC4 I/O PC3PC0
Operational Description
Mode Selection
There are three basic modes of operation than can be selected by the system software: Mode 0 - Basic Input/Output Mode 1 - Strobed Input/Output Mode 2 - Bidirectional Bus When the reset input goes "high", all ports will be set to the input mode. After the reset is removed, the 82C55A can remain in the input mode with no additional initialization required. The control word register will contain 9Bh. During the execution of the system program, any of the other modes may be selected using a single output instruction. This allows a single 82C55A to service a variety of peripheral devices with a simple software maintenance routine. Any port programmed as an output port is initialized to all zeros when the control word is written.
ADDRESS BUS CONTROL BUS DATA BUS
RD WR A1 A0 RESET
READ WRITE CONTROL LOGIC
GROUP B PORT B (8)
I/O PB7PB0
CS
FIGURE 2. 82C55A BLOCK DIAGRAM. DATA BUS BUFFER, READ/WRITE, GROUP A & B CONTROL LOGIC FUNCTIONS
Group A and Group B Controls
The functional configuration of each port is programmed by the systems software. In essence, the CPU "outputs" a control word to the 82C55A. The control word contains information such as "mode", "bit set", "bit reset", etc., that initializes the functional configuration of the 82C55A. Each of the Control blocks (Group A and Group B) accepts "commands" from the Read/Write Control logic, receives "control words" from the internal data bus and issues the proper commands to its associated ports. Control Group A - Port A and Port C upper (C7 - C4) Control Group B - Port B and Port C lower (C3 - C0) The control word register can be both written and read as shown in the "Basic Operation" table. Figure 4 shows the control word format for both Read and Write operations. When the control word is read, bit D7 will always be a logic "1", as this implies control word mode information.
RD, WR
D7-D0 82C55A
A0-A1 CS A 4 I/O 8 I/O
MODE 0
B 8 I/O 4
C
I/O
PB7-PB0 MODE 1 B 8 I/O
PC3-PC0 C
PC7-PC4
PA7-PA0 A 8 I/O
Ports A, B, and C
The 82C55A contains three 8-bit ports (A, B, and C). All can be configured to a wide variety of functional characteristics by the system software but each has its own special features or "personality" to further enhance the power and flexibility of the 82C55A. Port A One 8-bit data output latch/buffer and one 8-bit data input latch. Port B One 8-bit data input/output latch/buffer and one 8-bit data input buffer. Port C One 8-bit data output latch/buffer and one 8-bit data input buffer (no latch for input). This port can be divided into two 4-bit ports under the mode control. Each 4-bit port
MODE 2
PB7-PB0
CONTROL CONTROL OR I/O OR I/O C
PA7-PA0
B 8 I/O
A BIDIRECTIONAL
PB7-PB0
CONTROL
PA7-PA0
FIGURE 3. BASIC MODE DEFINITIONS AND BUS INTERFACE
4
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
CONTROL WORD CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 GROUP B PORT C (LOWER) 1 = INPUT 0 = OUTPUT PORT B 1 = INPUT 0 = OUTPUT MODE SELECTION 0 = MODE 0 1 = MODE 1 GROUP A PORT C (UPPER) 1 = INPUT 0 = OUTPUT PORT A 1 = INPUT 0 = OUTPUT MODE SELECTION 00 = MODE 0 01 = MODE 1 1X = MODE 2 MODE SET FLAG 1 = ACTIVE X X DON'T CARE X D7 D6 D5 D4 D3 D2 D1 D0 BIT SET/RESET 1 = SET 0 = RESET BIT SELECT 01234 01010 00110 00001
5 1 0 1
6 0 1 1
7 1 B0 1 B1 1 B2
BIT SET/RESET FLAG 0 = ACTIVE
FIGURE 5. BIT SET/RESET FORMAT
Interrupt Control Functions
When the 82C55A is programmed to operate in mode 1 or mode 2, control signals are provided that can be used as interrupt request inputs to the CPU. The interrupt request signals, generated from port C, can be inhibited or enabled by setting or resetting the associated INTE flip-flop, using the bit set/reset function of port C. This function allows the programmer to enable or disable a CPU interrupt by a specific I/O device without affecting any other device in the interrupt structure.
FIGURE 4. MODE DEFINITION FORMAT
The modes for Port A and Port B can be separately defined, while Port C is divided into two portions as required by the Port A and Port B definitions. All of the output registers, including the status flip-flops, will be reset whenever the mode is changed. Modes may be combined so that their functional definition can be "tailored" to almost any I/O structure. For instance: Group B can be programmed in Mode 0 to monitor simple switch closings or display computational results, Group A could be programmed in Mode 1 to monitor a keyboard or tape reader on an interruptdriven basis. The mode definitions and possible mode combinations may seem confusing at first, but after a cursory review of the complete device operation a simple, logical I/O approach will surface. The design of the 82C55A has taken into account things such as efficient PC board layout, control signal definition vs. PC layout and complete functional flexibility to support almost any peripheral device with no external logic. Such design represents the maximum use of the available pins.
INTE Flip-Flop Definition
(BIT-SET)-INTE is SET - Interrupt Enable (BIT-RESET)-INTE is Reset - Interrupt Disable
NOTE: All Mask flip-flops are automatically reset during mode selection and device Reset.
Operating Modes
Mode 0 (Basic Input/Output). This functional configuration provides simple input and output operations for each of the three ports. No handshaking is required, data is simply written to or read from a specific port. Mode 0 Basic Functional Definitions: * Two 8-bit ports and two 4-bit ports * Any Port can be input or output * Outputs are latched * Inputs are not latched * 16 different Input/Output configurations possible
Single Bit Set/Reset Feature (Figure 5)
Any of the eight bits of Port C can be Set or Reset using a single Output instruction. This feature reduces software requirements in control-based applications. When Port C is being used as status/control for Port A or B, these bits can be set or reset by using the Bit Set/Reset operation just as if they were output ports.
5
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
MODE 0 PORT DEFINITION A D4 0 0 0 0 0 0 0 0 D3 0 0 0 0 1 1 1 1 D1 0 0 1 1 0 0 1 1 B D0 0 1 0 1 0 1 0 1 GROUP A PORT C PORT A (Upper) Output Output Output Output Output Output Output Output Output Output Output Output Input Input Input Input # 0 1 2 3 4 5 6 7 GROUP B PORT C PORT B (Lower) Output Output Input Input Output Output Input Input Output Input Output Input Output Input Output Input D4 1 1 1 1 1 1 1 1 A D3 0 0 0 0 1 1 1 1 D1 0 0 1 1 0 0 1 1 MODE 0 PORT DEFINITION B D0 0 1 0 1 0 1 0 1 GROUP A PORT C PORT A (Upper) Input Input Input Input Input Input Input Input Output Output Output Output Input Input Input Input # 8 9 10 11 12 13 14 15 GROUP B PORT C PORT B (Lower) Output Output Input Input Output Output Input Input Output Input Output Input Output Input Output Input
Mode 0 (Basic Input)
RD tIR INPUT tAR CS, A1, A0 tRA tRR
tHR
D7-D0 tRD tDF
Mode 0 (Basic Output)
WR tWW tWD
tDW D7-D0 tAW CS, A1, A0
tWA
OUTPUT tWB
6
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
Mode 0 Configurations
CONTROL WORD #0
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 0 0 0 0 A 82C55A C 8 4 PA7 - PA0 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C
CONTROL WORD #2
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 0 0 1 0 A 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
CONTROL WORD #1
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 0 0 0 1 A 82C55A C 8 4 PA7 - PA0
CONTROL WORD #3
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 0 0 1 1 A 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
CONTROL WORD #4
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 1 0 0 0 A 82C55A C 8 4 PA7 - PA0
CONTROL WORD #8
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 0 0 0 0 A 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
CONTROL WORD #5
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 1 0 0 1 A 82C55A C 8 4 PA7 - PA0
CONTROL WORD #9
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 0 0 0 1 A 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
7
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
Mode 0 Configurations (Continued)
CONTROL WORD #6
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 1 0 1 0 A 82C55A C 8 4 PA7 - PA0 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C
CONTROL WORD #10
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 0 0 1 0 A 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
CONTROL WORD #7
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 1 0 1 1 A 82C55A C 8 4 PA7 - PA0
CONTROL WORD #11
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 0 0 1 1 A 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
CONTROL WORD #12
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 1 0 0 0 A 82C55A C 8 4 PA7 - PA0
CONTROL WORD #14
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 1 0 1 0 A 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
CONTROL WORD #13
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 1 0 0 1 A 82C55A C 8 4 PA7 - PA0
CONTROL WORD #15
D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 1 0 1 1 A 82C55A PC7 - PC4 D7 - D0 PC3 - PC0 PB7 - PB0 B C 8 4 PA7 - PA0 PC7 - PC4
D7 - D0
4 8
4 8
PC3 - PC0 PB7 - PB0
B
8
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Operating Modes
Mode 1 - (Strobed Input/Output). This functional configuration provides a means for transferring I/O data to or from a specified port in conjunction with strobes or "hand shaking" signals. In mode 1, port A and port B use the lines on port C to generate or accept these "hand shaking" signals. Mode 1 Basic Function Definitions: * Two Groups (Group A and Group B) * Each group contains one 8-bit port and one 4-bit control/data port * The 8-bit data port can be either input or output. Both inputs and outputs are latched. * The 4-bit port is used for control and status of the 8-bit port. by STB input being low and is reset by the rising edge of the RD input.
INTR (Interrupt Request)
A "high" on this output can be used to interrupt the CPU when an input device is requesting service. INTR is set by the condition: STB is a "one", IBF is a "one" and INTE is a "one". It is reset by the falling edge of RD. This procedure allows an input device to request service from the CPU by simply strobing its data into the port.
INTE A
Controlled by bit set/reset of PC4.
INTE B
Controlled by bit set/reset of PC2.
Input Control Signal Definition
(Figures 6 and 7)
Output Control Signal Definition
(Figure 8 and 9) OBF - (Output Buffer Full F/F). The OBF output will go "low" to indicate that the CPU has written data out to the specified port. This does not mean valid data is sent out of the port at this time since OBF can go true before data is available. Data is guaranteed valid at the rising edge of OBF, (See Note 1). The OBF F/F will be set by the rising edge of the WR input and reset by ACK input being low.
MODE 1 (PORT B) 8 STBA IBFA CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 PC5 1 1 PB7-PB0 INTE B PC2 PC1 8
STB (Strobe Input)
A "low" on this input loads data into the input latch.
IBF (Input Buffer Full F/F)
A "high" on this output indicates that the data has been loaded into the input latch: in essence, an acknowledgment. IBF is set
MODE 1 (PORT A) CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 0 1 1 1/0 PC6, PC7 1 = INPUT 0 = OUTPUT PA7-PA0 INTE A PC4
STBB IBFB
PC3 RD PC6, PC7 2
INTRA I/O RD
PC0
INTRB
FIGURE 6. MODE 1 INPUT
tST STB tSIB IBF tSIT INTR tRIB tRIT
RD tPH INPUT FROM PERIPHERAL tPS
FIGURE 7. MODE 1 (STROBED INPUT)
9
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
ACK - (Acknowledge Input). A "low" on this input informs the 82C55A that the data from Port A or Port B is ready to be accepted. In essence, a response from the peripheral device indicating that it is ready to accept data, (See Note 1). INTR - (Interrupt Request). A "high" on this output can be used to interrupt the CPU when an output device has accepted data transmitted by the CPU. INTR is set when ACK is a "one", OBF is a "one" and INTE is a "one". It is reset by the falling edge of WR.
MODE 1 (PORT A) CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 0 1 1 1/0 PC4, PC5 1 = INPUT 0 = OUTPUT INTE A PA7-PA0 PC7 PC6 8 OBFA ACKA
PC3 WR PC4, PC5 2
INTRA
INTE A
Controlled by Bit Set/Reset of PC6.
MODE 1 (PORT B) CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 1 0 INTE B PB7-PB0 PC1 PC2 8 OBFB ACKB
INTE B
Controlled by Bit Set/Reset of PC2.
NOTE: 1. To strobe data into the peripheral device, the user must operate the strobe line in a hand shaking mode. The user needs to send OBF to the peripheral device, generates an ACK from the peripheral device and then latch data into the peripheral device on the rising edge of OBF.
PC0 WR
INTRB
FIGURE 8. MODE 1 OUTPUT
tWOB WR tAOB OBF
INTR
tWIT
ACK tAK OUTPUT tWB tAIT
FIGURE 9. MODE 1 (STROBED OUTPUT)
8 OBFA ACKA INTRA 2 8 STBB IBFB INTRB I/O
PA7-PA0 RD CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 0 1 1 1/0 1 0 PC6, PC7 1 = INPUT 0 = OUTPUT WR PC4 PC5 PC3 PC6, PC7 PB7, PB0 PC1 PC2 PC0
8 STBA IIBFA INTRA 2 8 OBFB ACKB INTRB I/O WR CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 0 1 0 1/0 1 1 PC4, PC5 1 = INPUT 0 = OUTPUT RD
PA7-PA0 PC7 PC6 PC3 PC4, PC5 PB7, PB0 PC2 PC1 PC0
PORT A - (STROBED INPUT) PORT B - (STROBED OUTPUT)
PORT A - (STROBED OUTPUT) PORT B - (STROBED INPUT)
Combinations of Mode 1: Port A and Port B can be individually defined as input or output in Mode 1 to support a wide variety of strobed I/O applications. FIGURE 10. COMBINATIONS OF MODE 1
10
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Operating Modes
Mode 2 (Strobed Bidirectional Bus I/O)
This functional configuration provides a means for communicating with a peripheral device or structure on a single 8-bit bus for both transmitting and receiving data (bidirectional bus I/O). "Hand shaking" signals are provided to maintain proper bus flow discipline similar to Mode 1. Interrupt generation and enable/disable functions are also available. Mode 2 Basic Functional Definitions: * Used in Group A only * One 8-bit, bidirectional bus Port (Port A) and a 5-bit control Port (Port C) * Both inputs and outputs are latched * The 5-bit control port (Port C) is used for control and status for the 8-bit, bidirectional bus port (Port A)
Output Operations
OBF - (Output Buffer Full). The OBF output will go "low" to indicate that the CPU has written data out to port A. ACK - (Acknowledge). A "low" on this input enables the threestate output buffer of port A to send out the data. Otherwise, the output buffer will be in the high impedance state. INTE 1 - (The INTE flip-flop associated with OBF). Controlled by bit set/reset of PC4.
Input Operations
STB - (Strobe Input). A "low" on this input loads data into the input latch. IBF - (Input Buffer Full F/F). A "high" on this output indicates that data has been loaded into the input latch. INTE 2 - (The INTE flip-flop associated with IBF). Controlled by bit set/reset of PC4.
Bidirectional Bus I/O Control Signal Definition
(Figures 11, 12, 13, 14)
INTR - (Interrupt Request). A high on this output can be used to interrupt the CPU for both input or output operations.
CONTROL WORD
D7 D6 D5 D4 D3 D2 D1 D0 1 1 1/0 1/0 1/0 PC3 PA7-PA0 PC7 PC2-PC0 1 = INPUT 0 = OUTPUT PORT B 1 = INPUT 0 = OUTPUT GROUP B MODE 0 = MODE 0 1 = MODE 1 WR 3 INTE 1 PC6 8 OBFA ACKA INTRA
INTE 2
PC4 PC5
STBA IBFA
RD
PC2-PC0
I/O
FIGURE 11. MODE CONTROL WORD
FIGURE 12. MODE 2
11
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
DATA FROM CPU TO 82C55A
WR tAOB OBF tWOB INTR tAK ACK tST STB tSIB IBF tPS PERIPHERAL BUS tPH RD DATA FROM PERIPHERAL TO 82C55A DATA FROM 82C55A TO PERIPHERAL DATA FROM 82C55A TO CPU tRIB tAD tKD
NOTE: Any sequence where WR occurs before ACK and STB occurs before RD is permissible. (INTR = IBF * MASK * STB * RD + OBF * MASK * ACK * WR) FIGURE 13. MODE 2 (BIDIRECTIONAL) MODE 2 AND MODE 0 (INPUT)
PC3 PA7-PA0 PC7 CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 1 0 1 1/0 PC6 PC4 PC5 PC2-PC0 PB7-PB0 WR 3 8 OBFA ACKA STBA IBFA I/O CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 1 0 0 1/0 INTRA
MODE 2 AND MODE 0 (OUTPUT)
PC3 PA7-PA0 PC7 PC6 PC4 PC5 PC2-PC0 PB7, PB0 WR 3 8 OBFA ACKA STBA IBFA I/O INTRA
PC2-PC0 1 = INPUT 0 = OUTPUT RD
PC2-PC0 1 = INPUT 0 = OUTPUT RD
8
8
FIGURE 14. MODE 2 COMBINATIONS
12
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
MODE 2 AND MODE 1 (OUTPUT)
PC3 PA7-PA0 PC7 CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 1 1 0 PC6 PC4 PC5 PB7-PB0 PC1 PC2 PC0 8 OBFB ACKB INTRB RD 8 OBFA ACKA STBA IBFA CONTROL WORD D7 D6 D5 D4 D3 D2 D1 D0 1 1 1 1 INTRA
MODE 2 AND MODE 1 (INPUT)
PC3 PA7-PA0 PC7 PC6 PC4 PC5 PB7-PB0 PC2 PC1 PC0 8 STBB IBFB INTRB 8 OBFA ACKA STBA IBFA INTRA
RD
WR
WR
FIGURE 14. MODE 2 COMBINATIONS (Continued)
MODE DEFINITION SUMMARY MODE 0 IN PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PC0 PC1 PC2 PC3 PC4 PC5 PC6 PC7 In In In In In In In In In In In In In In In In In In In In In In In In OUT Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out IN In In In In In In In In In In In In In In In In INTRB IBFB STBB INTRA STBA IBFA I/O I/O MODE 1 OUT Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out Out INTRB OBFB ACKB INTRA I/O I/O ACKA OBFA I/O I/O I/O INTRA STBA IBFA ACKA OBFA MODE 2 GROUP A ONLY
Mode 0 or Mode 1 Only
13
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
Special Mode Combination Considerations
There are several combinations of modes possible. For any combination, some or all of Port C lines are used for control or status. The remaining bits are either inputs or outputs as defined by a "Set Mode" command. During a read of Port C, the state of all the Port C lines, except the ACK and STB lines, will be placed on the data bus. In place of the ACK and STB line states, flag status will appear on the data bus in the PC2, PC4, and PC6 bit positions as illustrated by Figure 17. Through a "Write Port C" command, only the Port C pins programmed as outputs in a Mode 0 group can be written. No other pins can be affected by a "Write Port C" command, nor can the interrupt enable flags be accessed. To write to any Port C output programmed as an output in Mode 1 group or to change an interrupt enable flag, the "Set/Reset Port C Bit" command must be used. With a "Set/Reset Port C Bit" command, any Port C line programmed as an output (including IBF and OBF) can be written, or an interrupt enable flag can be either set or reset. Port C lines programmed as inputs, including ACK and STB lines, associated with Port C are not affected by a "Set/Reset Port C Bit" command. Writing to the corresponding Port C bit positions of the ACK and STB lines with the "Set Reset Port C Bit" command will affect the Group A and Group B interrupt enable flags, as illustrated in Figure 17.
INPUT CONFIGURATION D7 I/O D6 I/O D5 IBFA D4 D3 D2 D1 IBFB D0 INTRB INTEA INTRA INTEB
Current Drive Capability
Any output on Port A, B or C can sink or source 2.5mA. This feature allows the 82C55A to directly drive Darlington type drivers and high-voltage displays that require such sink or source current.
Reading Port C Status (Figures 15 and 16)
In Mode 0, Port C transfers data to or from the peripheral device. When the 82C55A is programmed to function in Modes 1 or 2, Port C generates or accepts "hand shaking" signals with the peripheral device. Reading the contents of Port C allows the programmer to test or verify the "status" of each peripheral device and change the program flow accordingly. There is not a special instruction to read the status information from Port C. A normal read operation of Port C is executed to perform this function.
INTERRUPT ENABLE FLAG INTE B INTE A2 INTE A1 ALTERNATE PORT C PIN SIGNAL (MODE) ACKB (Output Mode 1) or STBB (Input Mode 1) STBA (Input Mode 1 or Mode 2) ACKA (Output Mode 1 or Mode 2)
POSITION PC2 PC4 PC6
FIGURE 17. INTERRUPT ENABLE FLAGS IN MODES 1 AND 2
Applications of the 82C55A
The 82C55A is a very powerful tool for interfacing peripheral equipment to the microcomputer system. It represents the optimum use of available pins and is flexible enough to interface almost any I/O device without the need for additional external logic. Each peripheral device in a microcomputer system usually has a "service routine" associated with it. The routine manages the software interface between the device and the CPU. The functional definition of the 82C55A is programmed by the I/O service routine and becomes an extension of the system software. By examining the I/O devices interface characteristics for both data transfer and timing, and matching this information to the examples and tables in the detailed operational description, a control word can easily be developed to initialize the 82C55A to exactly "fit" the application. Figures 18 through 24 present a few examples of typical applications of the 82C55A.
GROUP A OUTPUT CONFIGURATION D7 D6 D5 I/O GROUP A D4 I/O D3 D2
GROUP B
D1
D0
OBFA INTEA
INTRA INTEB OBFB INTRB GROUP B
FIGURE 15. MODE 1 STATUS WORD FORMAT D7 D6 D5 IBFA D4 D3 D2 X D1 X GROUP B D0 X
OBFA INTE1
INTE2 INTRA
GROUP A
(Defined by Mode 0 or Mode 1 Selection) FIGURE 16. MODE 2 STATUS WORD FORMAT
14
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
INTERRUPT REQUEST PC3 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PC7 PC6 PC5 PC4 DATA READY ACK PAPER FEED FORWARD/REV.
HIGH SPEED PRINTER
MODE 1 (OUTPUT)
HAMMER RELAYS
82C55A
PB0 PB1 PB2 PB3 PB4 MODE 1 PB5 (OUTPUT) PB6 PB7 PC1 PC2 PC0 INTERRUPT REQUEST CONTROL LOGIC AND DRIVERS DATA READY ACK
PAPER FEED FORWARD/REV. RIBBON CARRIAGE SEN.
FIGURE 18. PRINTER INTERFACE
INTERRUPT REQUEST PC3 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PC4 PC5 R0 R1 R2 FULLY R3 DECODED R4 KEYBOARD R5 SHIFT CONTROL STROBE ACK MODE 1 (INPUT) 82C55A PB0 PB1 PB2 PB3 PB4 MODE 1 PB5 (OUTPUT) PB6 PB7 PC1 PC2 PC6 PC7 INTERRUPT REQUEST B0 B1 B2 BURROUGHS SELF-SCAN B3 DISPLAY B4 B5 BACKSPACE CLEAR DATA READY ACK BLANKING CANCEL WORD
INTERRUPT REQUEST PC3 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PC4 PC5 PC6 PC7 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 R0 R1 R2 FULLY R3 DECODED R4 KEYBOARD R5 SHIFT CONTROL STROBE ACK BUST LT TEST LT TERMINAL ADDRESS
MODE 1 (INPUT)
82C55A
MODE 0 (INPUT)
FIGURE 19. KEYBOARD AND DISPLAY INTERFACE
FIGURE 20. KEYBOARD AND TERMINAL ADDRESS INTERFACE
15
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
INTERRUPT REQUEST PA0 PA1 PA2 PA3 PA4 MODE 0 PA5 (OUTPUT) PA6 PA7 PC4 PC5 PC6 PC7 82C55A PC0 PC1 BIT SET/RESET PC2 PC3 PB0 PB1 PB2 MODE 0 (INPUT) PB3 PB4 PB5 PB6 PB7 LSB PA0 PA1 PA2 PA3 PA4 PA5 MODE 1 PA6 (OUTPUT) PA7 PC7 PC6 PC5 PC4 PC3 R0 R1 R2 CRT CONTROLLER R3 CHARACTER GEN. REFRESH BUFFER R4 CURSOR CONTROL R5 SHIFT CONTROL DATA READY ACK BLANKED BLACK/WHITE
12-BIT D/A CONVERTER (DAC)
ANALOG OUTPUT
MSB STB DATA 82C55A
SAMPLE EN STB LSB 8-BIT A/D CONVERTER (ADC) ANALOG INPUT
PC2 PC1 PC0 PB0 MODE 0 PB1 (OUTPUT) PB2 PB3 PB4 PB5 PB6 PB7
ROW STB COLUMN STB CURSOR H/V STB
CURSOR/ROW/COLUMN ADDRESS H&V
MSB
FIGURE 21. DIGITAL TO ANALOG, ANALOG TO DIGITAL
FIGURE 22. BASIC CRT CONTROLLER INTERFACE
INTERRUPT REQUEST PC3 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PC4 PC5 PC7 PC6 PC2 PC1 PC0 D0 D1 D2 D3 D4 D5 D6 D7
INTERRUPT REQUEST PC3 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PC4 PC5 PC6 82C55A MODE 0 (INPUT) PC0 PC1 PC2 R0 R1 R2 R3 R4 R5 R6 R7
FLOPPY DISK CONTROLLER AND DRIVE MODE 1 (INPUT)
B LEVEL PAPER TAPE READER
MODE 2
82C55A
DATA STB ACK (IN) DATA READY ACK (OUT) TRACK "0" SENSOR SYNC READY INDEX
STB ACK STOP/GO MACHINE TOOL START/STOP LIMIT SENSOR (H/V) OUT OF FLUID
PB0 PB1 PB2 MODE 0 PB3 (OUTPUT) PB4 PB5 PB6 PB7
ENGAGE HEAD FORWARD/REV. READ ENABLE WRITE ENABLE DISC SELECT ENABLE CRC TEST BUSY LT
PB0 PB1 PB2 MODE 0 PB3 (OUTPUT) PB4 PB5 PB6 PB7
CHANGE TOOL LEFT/RIGHT UP/DOWN HOR. STEP STROBE VERT. STEP STROBE SLEW/STEP FLUID ENABLE EMERGENCY STOP
FIGURE 23. BASIC FLOPPY DISC INTERFACE
FIGURE 24. MACHINE TOOL CONTROLLER INTERFACE
16
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
Absolute Maximum Ratings TA = 25C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC+0.5V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62 Maximum Storage Temperature Range . . . . . . . . . . -65C to 150C Maximum Junction Temperature Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (Lead Tips Only)
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to 5.5V Operating Temperature Range CMX82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C IMX82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to 85C
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 Gates
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
SYMBOL VIH VIL VOH VOL II IO IDAR ICCSB ICCOP NOTES: PARAMETER
VCC = 5.0V 10%; TA = Operating Temperature Range TEST CONDITIONS MIN 2.0 2.2 IOH = -2.5mA, IOH = -100A IOL +2.5mA VIN = VCC or GND, RD, CS, A1, A0, RESET, WR VO = VCC or GND, D0 - D7 Ports A, B, C. Test Condition 3 VCC = 5.5V, VIN = VCC or GND. Output Open 3.0 VCC -0.4 -1.0 -10 -2.5 TYP 1 MAX 0.8 0.4 +1.0 +10 Notes 2, 4 10 UNITS V V V V A A mA A mA/MHz
Logical One Input Voltage Logical Zero Input Voltage Logical One Output Voltage Logical Zero Output Voltage Input Leakage Current I/O Pin Leakage Current Darlington Drive Current Standby Power Supply Current
Operating Power Supply Current TA = +25C, VCC = 5.0V, Typical (See Note 3)
2. No internal current limiting exists on Port Outputs. A resistor must be added externally to limit the current. 3. ICCOP = 1mA/MHz of Peripheral Read/Write cycle time. (Example: 1.0s I/O Read/Write cycle time = 1mA). 4. Tested as VOH at -2.5mA.
Capacitance TA = 25C
SYMBOL CIN CI/O PARAMETER Input Capacitance I/O Capacitance TYPICAL 10 20 UNITS pF pF TEST CONDITIONS FREQ = 1MHz, All Measurements are referenced to device GND
17
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A
AC Electrical Specifications
SYMBOL READ TIMING (1) tAR (2) tRA (3) tRR (4) tRD (5) tDF (6) tRV WRITE TIMING (7) tAW (8) tWA (9) tWW (10) tDW (11) tWD OTHER TIMING (12) tWB (13) tIR (14) tHR (15) tAK (16) tST (17) tPS (18) tPH (19) tAD (20) tKD (21) tWOB (22) tAOB (23) tSIB (24) tRIB (25) tRIT (26) tSIT (27) tAIT (28) tWIT (29) tRES WR = 1 to Output Peripheral Data Before RD Peripheral Data After RD ACK Pulse Width STB Pulse Width Peripheral Data Before STB High Peripheral Data After STB High ACK = 0 to Output ACK = 1 to Output Float WR = 1 to OBF = 0 ACK = 0 to OBF = 1 STB = 0 to IBF = 1 RD = 1 to IBF = 0 RD = 0 to INTR = 0 STB = 1 to INTR = 1 ACK = 1 to INTR = 1 WR = 0 to INTR = 0 Reset Pulse Width 1 2 1 1 1 1 1 1 1 1 1, (Note) 1 0 0 200 100 20 50 20 500 350 175 250 150 150 150 150 200 150 150 200 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Address Stable Before WR Address Stable After WR WR Pulse Width Data Valid to WR High Data Valid After WR High 0 20 100 100 30 ns ns ns ns ns Address Stable Before RD Address Stable After RD RD Pulse Width Data Valid From RD Data Float After RD Time Between RDs and/or WRs 1 2 0 0 150 10 300 120 75 ns ns ns ns ns ns VCC = +5V 10%, GND = 0V; TA = Operating Temperature Range TEST CONDITIONS 82C55A MIN MAX UNITS
PARAMETER
NOTE: Period of initial Reset pulse after power-on must be at least 50sec. Subsequent Reset pulses may be 500ns minimum.
18
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Timing Waveforms
RD tIR (13) INPUT tAR (1) CS, A1, A0 tRA (2) tRR (3)
tHR (14)
D7-D0 tRD (4) tDF (5)
FIGURE 25. MODE 0 (BASIC INPUT)
WR
tWW (9) tWD (11)
tDW (10) D7-D0 tAW (7) CS, A1, A0
tWA (8)
OUTPUT tWS (12)
FIGURE 26. MODE 0 (BASIC OUTPUT)
tST (16) STB tSIB (23)
IBF
tSIT (26) tRIT (25)
tRIB (24)
INTR
RD
tPH (18)
INPUT FROM PERIPHERAL tPS (17)
FIGURE 27. MODE 1 (STROBED INPUT)
19
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Timing Waveforms
WR tAOB (22) OBF
(Continued)
tWOB (21)
INTR
tWIT (28)
ACK tAK (15) OUTPUT tWB (12) tAIT (27)
FIGURE 28. MODE 1 (STROBED OUTPUT)
DATA FROM CPU TO 82C55A WR (NOTE) tAOB (22) tWOB (21) INTR tAK (15) ACK tST (16) STB (NOTE) IBF tSIB (23) tAD (19) tPS (17) PERIPHERAL BUS tPH (18) RD DATA FROM PERIPHERAL TO 82C55A DATA FROM 82C55A TO PERIPHERAL DATA FROM 82C55A TO CPU tRIB (24) tKD (20)
OBF
FIGURE 29. MODE 2 (BIDIRECTIONAL) NOTE: Any sequence where WR occurs before ACK and STB occurs before RD is permissible. (INTR = IBF * MASK * STB * RD + OBF * MASK * ACK * WR)
20
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Timing Waveforms
A0-A1, CS tAW (7) DATA BUS tDW (10) WR tWW (9) tWD (11) tWA (8)
(Continued)
A0-A1, CS tAR (1) RD (4) tRD DATA BUS VALID HIGH IMPEDANCE tRR (3) tDF (5) tRA (2)
FIGURE 30. WRITE TIMING
FIGURE 31. READ TIMING
AC Test Circuit
V1 R1 OUTPUT FROM DEVICE UNDER TEST TEST POINT R2 C1 (SEE NOTE)
AC Testing Input, Output Waveforms
INPUT VIH + 0.4V 1.5V VIL - 0.4V 1.5V VOL OUTPUT VOH
AC Testing: All AC Parameters tested as per test circuits. Input RISE and FALL times are driven at 1ns/V. TEST CONDITION DEFINITION TABLE
NOTE: Includes STRAY and JIG Capacitance
TEST CONDITION 1 2 3
V1 1.7V VCC 1.5V
R1 523 2k 750
R2 Open 1.7k Open
C1 150pF 50pF 50pF
21
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Die Characteristics
METALLIZATION: Type: Silicon - Aluminum Thickness: 11kA 1kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA
Metallization Mask Layout
82C55A
RD PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 WR
CS
RESET D0
GND D1 A1 A0 PC7 PC6 PC5 PC4 PC0 VCC PC1 D2 D3 D4 D5 D6 D7
PC2
PC3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
22
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Plastic Leaded Chip Carrier Packages (PLCC)
0.042 (1.07) 0.048 (1.22) PIN (1) IDENTIFIER C L 0.042 (1.07) 0.056 (1.42) 0.050 (1.27) TP 0.004 (0.10) C
N44.65 (JEDEC MS-018AC ISSUE A)
44 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE INCHES SYMBOL A MIN 0.165 0.090 0.685 0.650 0.291 0.685 0.650 0.291 44 MAX 0.180 0.120 0.695 0.656 0.319 0.695 0.656 0.319 MILLIMETERS MIN 4.20 2.29 17.40 16.51 7.40 17.40 16.51 7.40 44 MAX 4.57 3.04 17.65 16.66 8.10 17.65 16.66 8.10 NOTES 3 4, 5 3 4, 5 6 Rev. 2 11/97
0.025 (0.64) R 0.045 (1.14)
D2/E2 E1 E C L D2/E2 VIEW "A"
A1 D D1 D2 E E1 E2 N
D1 D 0.020 (0.51) MAX 3 PLCS
A1 A
0.020 (0.51) MIN SEATING -C- PLANE
0.026 (0.66) 0.032 (0.81)
0.013 (0.33) 0.021 (0.53)
0.045 (1.14) MIN VIEW "A" TYP.
0.025 (0.64) MIN
NOTES: 1. Controlling dimension: INCH. Converted millimeter dimensions are not necessarily exact. 2. Dimensions and tolerancing per ANSI Y14.5M-1982. 3. Dimensions D1 and E1 do not include mold protrusions. Allowable mold protrusion is 0.010 inch (0.25mm) per side. Dimensions D1 and E1 include mold mismatch and are measured at the extreme material condition at the body parting line. 4. To be measured at seating plane -C- contact point. 5. Centerline to be determined where center leads exit plastic body. 6. "N" is the number of terminal positions.
23
FN6140.1 June 28, 2005
MS82C55A, MQ82C55A Metric Plastic Quad Flatpack Packages (MQFP)
D D1 -D-
Q44.10x10 (JEDEC MS-022AB ISSUE B) 44 LEAD METRIC PLASTIC QUAD FLATPACK PACKAGE
INCHES SYMBOL A A1 MIN 0.004 0.077 0.012 0.012 0.515 0.389 0.516 0.390 0.029 44 0.032 BSC MAX 0.096 0.010 0.083 0.018 0.016 0.524 0.399 0.523 0.398 0.040 MILLIMETERS MIN 0.10 1.95 0.30 0.30 13.08 9.88 13.10 9.90 0.73 44 0.80 BSC MAX 2.45 0.25 2.10 0.45 0.40 13.32 10.12 13.30 10.10 1.03 NOTES 6 3 4, 5 3 4, 5 7 Rev. 2 4/99 NOTES: 1. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. 2. All dimensions and tolerances per ANSI Y14.5M-1982. 3. Dimensions D and E to be determined at seating plane -C- . 4. Dimensions D1 and E1 to be determined at datum plane -H- . 5. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25mm (0.010 inch) per side. 6. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total. 7. "N" is the number of terminal positions.
0.13/0.23 0.005/0.009
-AE E1
-B-
A2 b b1 D D1 E
e
PIN 1 SEATING A PLANE 0.076 0.003 12o-16o 0.40 0.016 MIN 0o MIN 0o-7o A2 A1 0.20 M 0.008 C A-B S -CDS b b1 0.13/0.17 0.005/0.007 BASE METAL WITH PLATING
E1 L N e
-H-
L
12o-16o
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 24
FN6140.1 June 28, 2005


▲Up To Search▲   

 
Price & Availability of MS82C55A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X